Part Number Hot Search : 
C5032 TR3V107 P2504 PC451C PC451C 25C01 AQV104A 00400
Product Description
Full Text Search
 

To Download 14T26-SZLB-600-0LC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? mini d ribbon (mdr) cable assembly .050" high speed digital data transmission system - 26 position 14x26-szlb-xxx-0lc physical electrical environmental cameralink is a trademark of the automated imaging association. connector contact plating wiping area: 30" [ 0.76m ] min. gold shell color: beige shell material: overmold option: polyvinyl chloride (pvc); shell kit option: polyester elastomer cable color: beige cable jacket material: polyvinyl chloride (pvc) cable flammability: awm vw-1 voltage rating: 30 v current rating: 1 a insulation resistance: > 1 10 8 at @100 v dc withstanding voltage: 350 v rms for 1 minute individually shielded twisted pairs characteristic impedance: 100 10 conductor size: 28 awg stranded propogation velocity: 1.25 ns/ft [4.1 ns/m ] skew (within pair): 50 ps/meter maximum skew (channel skew per chipset): 50 ps/meter maximum temperature rating: -20 c to +75 c ts-1001-05 sheet 1 of 4 ? supports new indu strial cameralink ? in automated imaging association for camera to frame gr abber communications ? 11 shielded twin-ax pairs and four drain wires ? entire cable bundle is shielded with foil and braid for additional signal protection ? rugged mdr ribbon type contact ? rugged thumbscrew retention ? emi shielded junction shell in either plastic or overmolded construction. ? rohs* compliant date modified: april 12, 2007 *"rohs compliant 2005/95/ec" means that the product or part ("product") do es not contain any of the substances in excess of the maximum concentration values in eu directive 2002/95/ec, as amended by commission decision 2005/618/e c, unless the substance is in an application that is exemp t under eu rohs. this infor- mation represents 3m's knowledge and beli ef, which may be based in whole or in pa rt on information provided by third party supp liers to 3m. in the event any product is proven not to conform with 3m?s regulatory information appendix, then 3m?s entire liability and buy er?s exclusive remedy will be in accordance with the warranty stated below. ul file no.: e86982
3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? mini d ribbon (mdr) cable assembly .050" high speed digital data transmission system - 26 positio n 14x26-szlb-xxx-0lc ts-1001-05 sheet 2 of 4 overmolded #4-40 thumbscrew discrete #4-40 thumbscrew assembly length tolerance cable length: 0.5 to 1.5 meters -0 + .05 meters 2 to 10 meters -0 +3% of length 0.0 0.00 mm .1 .01 mm [inch] tolerance unless noted [ ] dimensions for reference only
3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 14x26-szlb-xxx-0lc 3m ? mini d ribbon (mdr) cable assembly .050" high speed digital data transmission system - 26 position 14x26-szlb-xxx-0lc shell option (see ordering information) b c thumbscrew overmold shell 40.2 [ 1.58 ] 14.0 [ .55 ] thumbscrew shell kit 39.4 [ 1.55 ] 12.8 [ .51 ] ts-1001-05 sheet 3 of 4 ordering information shell retention options: b = discrete #4-40 thumbscrew shell kit t = overmold #4-40 thumbscrew shell 1. use 3m? jacksocket 3341-31 for mounting receptacle to panel for t version cables. 2. use 3m? jacksocket 3341-32 for mounting receptacle to panel for b version cables. 1234567 1213 11 10 14 89 15 16 17 18 19 20 21 22 23 24 25 26 1234567 1213 11 10 14 89 15 16 17 18 19 20 21 22 23 24 25 26 generic end detail mdr 26 position plug b c (both ends) length: 050 = 0.5 meters 450 = 4.5 meters 100 = 1 meters 500 = 5 meters 150 = 1.5 meters 600 = 6 meters 200 = 2 meters 700 = 7 meters 250 = 2.5 meters 800 = 8 meters 300 = 3 meters 900 = 9 meters 350 = 3.5 meters a00 = 10 meters 400 = 4 meters 0.0 0.00 mm .1 .01 mm [inch] tolerance unless noted [ ] dimensions for reference only
3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? mini d ribbon (mdr) cable assembly .050" high speed digital data transmission system - 26 positi on 14x26-szlb-xxx-0lc cable assembly and camera link pinouts medium and full configurations base configuration two channel link chips one channel link chip + camera control + serial communication camera connector right angle frame grabber channel link signal cable name (reference only) camera connector right angle frame grabber channel link signal 1 1 inner shield inner shield 1 1 inner shield 14 14 inner shield inner shield 14 14 inner shield 2 25 y0- pair 1- 2 25 x0- 15 12 y0+ pair 1+ 15 12 x0+ 3 24 y1- pair 2- 3 24 x1- 16 11 y1+ pair 2+ 16 11 x1+ 4 23 y2- pair 3- 4 23 x2- 17 10 y2+ pair 3+ 17 10 x2+ 5 22 yclk- pair 4- 5 22 xclk- 18 9 yclk+ pair 4+ 18 9 xclk+ 6 21 y3- pair 5- 6 21 x3- 19 8 y3+ pair 5+ 19 8 x3+ 7 20 100 ohm pair 6+ 7 20 sertc+ 20 7 terminated pair 6- 20 7 sertc- 8 19 z0- pair 7- 8 19 sertfg- 21 6 z0+ pair 7+ 21 6 sertfg+ 9 18 z1- pair 8- 9 18 cc1- 22 5 z1+ pair 8+ 22 5 cc1+ 10 17 z2- pair 9+ 10 17 cc2+ 23 4 z2+ pair 9- 23 4 cc2- 11 16 zclk- pair 10- 11 16 cc3- 24 3 zclk+ pair 10+ 24 3 cc3+ 12 15 z3- pair 11+ 12 15 cc4+ 25 2 z3+ pair 11- 25 2 cc4- 13 13 inner shield inner shield 13 13 inner shield 26 26 inner shield inner shield 26 26 inner shield ts-1001-05 sheet 4 of 4 notes: 1. all pairs are individually shielded with aluminum foil. 2. pair shields are wrapped aluminum out and are in contact with four internal drains (logic ground). 3. outer braid and foil (chassis ground) are isolated from inner drains (logic ground). 4. cable assembly compatible with both camera link configurations.
3 printed in usa. minimum 10% post-consumer fiber important notice all statements, technical information, and recommendations related to 3ms products are based on information believed to be reliable, but the accuracy or completeness is not guaranteed. before using this product, you must evaluate it and determine if it is suitable for your intended application. you assume all risks and liability associated with such use. any statements related to the product which are not contained in 3ms current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3m. warranty; limited remedy; limited liability. this product will be free from defects in material and manufacture for a period of one (1) year from the time of purchase. 3m makes no other warranties including, but not limited to, any implied warranty of merchantability or fitness for a particular purpose. if this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3ms option, to replace or repair the 3m product or refund the purchase price of the 3m product. except where prohibited by law, 3m will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3m product, regardless of the legal theory asserted. 3m electronics 6801 river place blvd. austin, tx 78726-9000 800/225-5373 www.3m.com/electronics ? all rights reserved. 3m 2007


▲Up To Search▲   

 
Price & Availability of 14T26-SZLB-600-0LC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X